Part Number Hot Search : 
U1DL49 PSMS24C 1N6294E3 C9018 B1048 MH202 HER501 STK3310
Product Description
Full Text Search
 

To Download SSM3K7002BFU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ty semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and SSM3K7002BFU high-speed switching applications analog switch applications ? small package ? low on-resistance : r ds(on) = 3.3 (max) (@v gs = 4.5 v) : r ds(on) = 2.6 (max) (@v gs = 5 v) : r ds(on) = 2.1 (max) (@v gs = 10 v) absolute maximum ratings (ta = 25c) characteristics symbol rating unit drain-source voltage v dss 60 v gate-source voltage v gss 20 v dc i d 200 drain current pulse i dp 800 ma drain power dissipation (ta = 25c) p d (note 1) 150 mw channel temperature t ch 150 c storage temperature range t stg ? 55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage a nd the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/vol tage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: mounted on fr4 board (25.4 mm 25.4 mm 1.6 mm, cu pad: 0.6mm 2 3) marking equivalent circuit (top view) unit: mm weight: 6.0 mg (typ.) 0.6 mm 1.0 mm nm 1 2 3 1 2 3 product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics (ta = 25c) characteristics symbol test condition min typ max unit gate leakage current i gss v gs = 20 v, v ds = 0 v ? ? 10 a v (br) dss i d = 10 ma, v gs = 0 v 60 ? ? drain-source breakdown voltage v (br) dsx i d = 10 ma, v gs = -10 v 45 ? ? v drain cutoff current i dss v ds = 60 v, v gs = 0 v ? ? 1 a gate threshold voltage v th v ds = 10 v, i d = 0.25 ma 1.5 ? 3.1 v forward transfer admittance ? y fs ? v ds = 10 v, i d = 200 ma (note 2) 225 ? ? ms i d = 500 ma, v gs = 10 v (note 2) ? 1.62 2.1 i d = 100 ma, v gs = 5 v (note 2) ? 1.90 2.6 drain-source on-resistance r ds (on) i d = 100 ma, v gs = 4.5 v (note 2) ? 2.10 3.3 input capacitance c iss ? 17.0 ? reverse transfer capacitance c rss ? 1.9 ? output capacitance c oss v ds = 25 v, v gs = 0 v, f = 1 mhz ? 3.6 ? pf turn-on delay time td (on) ? 3.3 6.6 switching time turn-off delay time td (off) v dd = 30 v , i d = 200 ma , v gs = 0 to 10 v ? 14.5 40 ns drain-source forward voltage v dsf i d = -200 ma, v gs = 0 v (note 2) ? -0.84 -1.2 v note2: pulse test switching time test circuit precaution let v th be the voltage applied between gate and sour ce that causes the drain current (i d ) to be low (0.25 ma for the SSM3K7002BFU). then, for norma l switching operation, v gs(on) must be higher than v th, and v gs(off) must be lower than v th. this relationship can be expressed as: v gs(off) < v th < v gs(on). take this into consideration when using the device handling precaution when handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. operators should wear antistatic clothing , and containers and other objects that come into direct contact with devices should be made of antistatic materials. (c) v out (b) v in (a) test circuit td (on) 90 % 10 % 0 v 10 v 10 % 90 % td (off) t r t f v dd v ds ( on ) v dd = 30 v duty 1% v in : t r , t f < 2 ns (z out = 50 ) common source ta = 25 c 10 v 0 10 s v dd out in 50 r l SSM3K7002BFU product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SSM3K7002BFU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X